Part Number Hot Search : 
OH413 GBP308 08055C LT1812 MA11FAD D0715 C350KT62 45H11
Product Description
Full Text Search
 

To Download 0436501215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0436501215 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Header, Surface Mount Compatible, Single Row, Vertical, with PCB Polarizing Peg, 12 Circuits, Tin (Sn) Plating, Glow Wire Compatible
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Comments PCB Headers 43650 Wire-to-Board Glow Wire Equivalent Part Number 436501215. High Temperature, Square Pin, Offset Through Hole Mounting, Solder Type microfit_30 USA-106 Micro-Fit 3.0TM
Overview Product Literature Order No Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded No 12 12 Black 30 94V-0 Yes 0.680 In 17.27 mm Brass Tin Tin High Temperature Thermoplastic 1 Vertical Yes Yes 0.062 In 1.60 mm Tray 0.118 In 3.00 mm 100 2.5 100 2.5 Yes Fully
Search Parts in this Series 43650Series Mates With 43645 Micro-Fit 3.0TM Receptacle Housing
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes -40C to +105C Through Hole - Kinked Pin
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0811 PS-43650 SD-43650-006
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0436501215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X